Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 482 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 478Page - Renesas Technology Corp H8S/2112 Datasheet HTML 479Page - Renesas Technology Corp H8S/2112 Datasheet HTML 480Page - Renesas Technology Corp H8S/2112 Datasheet HTML 481Page - Renesas Technology Corp H8S/2112 Datasheet HTML 482Page - Renesas Technology Corp H8S/2112 Datasheet HTML 483Page - Renesas Technology Corp H8S/2112 Datasheet HTML 484Page - Renesas Technology Corp H8S/2112 Datasheet HTML 485Page - Renesas Technology Corp H8S/2112 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 458 of 866
REJ09B0451-0100
(4)
Suspension of Data Transmission
Figure 15.9 shows an example of the data transmission suspension flowchart.
Read DCTS flag in FMSR
Modem status change interrupt
Suspend data write to transmit FIFO
Set XMITFRST bit in FFCR to 1
(Other processing)
Prepare for retransmission
(Transmission flow)
DCTS = 1
No
Yes
[1]
[2]
[3]
[4]
[1] Read the DCTS flag in FMSR in the modem
status change interrupt processing routine.
If the DCTS flag is set to 1, the transmission
suspension processing starts.
[2] Suspend data write to the transmit FIFO.
[3] Set the XMITFRST bit in FFCR to 1.
[4] Prepare for retransmission of data and go to
the transmission flow.
Figure 15.9 Example of Data Transmission Suspension Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com