Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 479 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 475Page - Renesas Technology Corp H8S/2112 Datasheet HTML 476Page - Renesas Technology Corp H8S/2112 Datasheet HTML 477Page - Renesas Technology Corp H8S/2112 Datasheet HTML 478Page - Renesas Technology Corp H8S/2112 Datasheet HTML 479Page - Renesas Technology Corp H8S/2112 Datasheet HTML 480Page - Renesas Technology Corp H8S/2112 Datasheet HTML 481Page - Renesas Technology Corp H8S/2112 Datasheet HTML 482Page - Renesas Technology Corp H8S/2112 Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 455 of 866
REJ09B0451-0100
15.4.4
Data Transmission/Reception with Flow Control
The following shows examples of data transmission/reception for flow control using CTS and
RTS.
(1)
Initialization
Figure 15.6 shows an example of the initialization flowchart.
Start initialization
(Transmission/reception standby flow)
Clear module stop
Set SCIFCR
Set DLAB bit in FLCR to 1
Set FDLH and FDLL
Clear DLAB bit in FLCR to 0
Set data transfer format in FLCR
Set FIFO with FFCR
Set interrupt enable bits in FIER
Set RTS bit in FMCR to 1
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[1] Select an input clock with the CKSEL1 and CKSEL0
bits in SCIFCR. Set the SCIF input/output pins with
the SCIFOE1 and SCIFOE0 bits in SCIFCR.
[2] Set the DLAB bit in FLCR to 1 to enable access to
FDLL and FDLH.
[3] The initial value of FDLL and FDLH is 0. Set a value
within the range from 1 to 65535.
[4] Clear the DLAB bit in FLCR to 0 to disable access to
FDLL and FDLH.
[5] Select parity with the EPS and PEN bits in FLCR, and
set the stop bit with the STOP bit in FLCR. Then, set
the data length with the CLS1 and CLS0 bits in FLCR.
Set the FIFOE bit in FFCR to 1 to enable the FIFO.
[6] Set the receive FIFO trigger level with the RCVRTRIG1
and RCVRTRIG0 bits in FFCR. Select the best trigger
level to prevent an overflow of the receive FIFO.
[7] Set the EDSSI and ERBFI bits in FIER to 1 to enable a
modem status interrupt and receive data ready interrupt.
[8] Set the RTS bit in FMCR to 1.
Figure 15.6 Example of Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com