Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 194 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 190Page - Renesas Technology Corp H8S/2112 Datasheet HTML 191Page - Renesas Technology Corp H8S/2112 Datasheet HTML 192Page - Renesas Technology Corp H8S/2112 Datasheet HTML 193Page - Renesas Technology Corp H8S/2112 Datasheet HTML 194Page - Renesas Technology Corp H8S/2112 Datasheet HTML 195Page - Renesas Technology Corp H8S/2112 Datasheet HTML 196Page - Renesas Technology Corp H8S/2112 Datasheet HTML 197Page - Renesas Technology Corp H8S/2112 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 170 of 866
REJ09B0451-0100
8.2.5
Port 5
(1)
P52/SCL0
The pin function is switched as shown below according to the combination of the ICE bit in ICCR
of IIC_0 and the P52DDR bit.
ICE
0
1
P52DDR
0
1
Pin function
P52 input pin
P52 output pin
SCL0 I/O pin
Note:
The output format for SCL0 is NMOS output only and direct bus drive is possible. When this
pin is used as the P52 output pin, the output format is NMOS push-pull.
(2)
P51/FRxD
The pin function is switched as shown below according to the combination of the SCIFOE1 bit in
SCIFCR and the SCIFE bit in HICR5 of SCIF, and the P51DDR bit.
SCIFENABLE = 1: SCIFOE1
+ SCIFE
SCIFENABLE
0
1
P51DDR
0
1
Pin function
P51 input pin
P51 output pin
FRxD input pin
(3)
P50/FTxD
The pin function is switched as shown below according to combination of the SCIFOE1 bit in
SCIFCR and the SCIFE bit in HICR5 of SCIF, and the P50DDR bit.
SCIFENABLE = 1: SCIFOE1
+ SCIFE
SCIFENABLE
0
1
P50DDR
0
1
Pin function
P50 input pin
P50 output pin
FTxD output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com