Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 195 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 191Page - Renesas Technology Corp H8S/2112 Datasheet HTML 192Page - Renesas Technology Corp H8S/2112 Datasheet HTML 193Page - Renesas Technology Corp H8S/2112 Datasheet HTML 194Page - Renesas Technology Corp H8S/2112 Datasheet HTML 195Page - Renesas Technology Corp H8S/2112 Datasheet HTML 196Page - Renesas Technology Corp H8S/2112 Datasheet HTML 197Page - Renesas Technology Corp H8S/2112 Datasheet HTML 198Page - Renesas Technology Corp H8S/2112 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 171 of 866
REJ09B0451-0100
8.2.6
Port 6
(1)
P67/
IRQ7/KIN7
When the KMIM7 bit in KMIMR of the interrupt controller is cleared to 0, this pin functions as
the
KIN7 input pin. When the ISS7 bit in ISSR is cleared to 0 and the IRQ7E bit in IER of the
interrupt controller is set to 1, this pin can be used as the
IRQ7 input pin.
The pin function is switched as shown below according to the P67DDR bit.
P67DDR
0
P67 input pin
P67 output pin
Pin function
IRQ7 input pin/KIN7 input pin
(2)
P66/
IRQ6/KIN6
When the KMIM6 bit in KMIMR of the interrupt controller is cleared to 0, this pin functions as
the
KIN6 input pin. When the EIVS bit in SYSCR3 is cleared to 0 and the IRQ6E bit in IER of the
interrupt controller is set to 1, this pin can be used as the
IRQ6 input pin.
The pin function is switched as shown below according to the P66DDR bit.
P66DDR
0
1
P66 input pin
P66 output pin
Pin function
IRQ6 input pin/KIN6 input pin
(3)
P65/
KIN5, P64/KIN4, P63/KIN3, P62/KIN2, P61/KIN1, P60/KIN0
When the KMIMn bit in KMIMRB of the interrupt controller is cleared to 0, this pin functions as
the
KINn input pin.
The pin function is switched as shown below according to the P6nDDR bit.
P6nDDR
0
1
P6n input pin
P6n output pin
Pin function
KINn input pin
(n
= 5 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com