Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 196 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 192Page - Renesas Technology Corp H8S/2112 Datasheet HTML 193Page - Renesas Technology Corp H8S/2112 Datasheet HTML 194Page - Renesas Technology Corp H8S/2112 Datasheet HTML 195Page - Renesas Technology Corp H8S/2112 Datasheet HTML 196Page - Renesas Technology Corp H8S/2112 Datasheet HTML 197Page - Renesas Technology Corp H8S/2112 Datasheet HTML 198Page - Renesas Technology Corp H8S/2112 Datasheet HTML 199Page - Renesas Technology Corp H8S/2112 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 172 of 866
REJ09B0451-0100
8.2.7
Port 7
(1)
P77/AN7, P76/AN6, P75/AN5, P74/AN4, P73/AN3, P72/AN2, P71/AN1, P70/AN0
Pin function
ANn/P7n input
(n
= 7 to 0)
8.2.8
Port 8
(1)
P86/
IRQ5/SCK1
The pin function is switched as shown below according to the combination of the C/
A bit in SMR
and the CKE0 and CKE1 bits in SCR of SCI_1, and the P86DDR bit. When the ISS5 bit in ISSR
is cleared to 0 and the IRQ5E bit in IER of the interrupt controller is set to 1, this pin functions as
the
IRQ5 input pin.
CKE1
0
1
C/
A
0
1
CKE0
0
1
P86DDR
0
1
P86 input
pin
P86 output
pin
SCK1
output pin
SCK1
output pin
SCK1 input
pin
Pin function
IRQ5 input pin
(2)
P85/
IRQ4/RxD1
The pin function is switched as shown below according to the combination of the RE bit in SCR
of SCI_1and the P85DDR bit. When the ISS4 bit in ISSR is cleared to 0 and the IRQ4E bit in IER
of the interrupt controller is set to 1, this pin functions as the
IRQ4 input pin.
RE
0
1
P85DDR
0
1
P85 input pin
P85 output pin
RxD1 input pin
Pin function
IRQ4 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com