Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 360 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 356Page - Renesas Technology Corp H8S/2117R Datasheet HTML 357Page - Renesas Technology Corp H8S/2117R Datasheet HTML 358Page - Renesas Technology Corp H8S/2117R Datasheet HTML 359Page - Renesas Technology Corp H8S/2117R Datasheet HTML 360Page - Renesas Technology Corp H8S/2117R Datasheet HTML 361Page - Renesas Technology Corp H8S/2117R Datasheet HTML 362Page - Renesas Technology Corp H8S/2117R Datasheet HTML 363Page - Renesas Technology Corp H8S/2117R Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 334 of 994
REJ09B0452-0100
12.3.3
TDP Pulse Width Lower Limit Register (TDPWDMN)
TDPWDMN is a 16-bit readable/writable register. When the TDPMDS bit in TDPCR1 is set to 1
(cycle measurement mode), TDPWDMN is available as a pulse width lower limit register.
In cycle measurement mode, TDPWDMN can be used to set the lower limit value of measurement
pulse width. When the second edge (the second edge of this period) of the measurement period is
detected, the TDPCNT value is transferred to TDPICR and the values of TDPICR and
TDPWDMN are compared. If the TDPICR value is less than the TDPWDMN value, the
TWDMNUDF flag in TDPCSR is set to 1. TDPWDMN must always be accessed in 16-bit units
and cannot be accessed in 8-bit units. TDPWDMN is initialized to H'0000.
12.3.4
TDP Cycle Upper Limit Register (TDPPDMX)
TDPPDMX is a 16-bit readable/writable register. When the TDPMDS bit in TDPCR1 is set to 1
(cycle measurement mode), TDPPDMX is available as a cycle upper limit register.
In cycle measurement mode, TDPPDMX can be used to set the upper limit value of measurement
period. When the third edge (the first edge of the next period) of the measurement period is
detected, the TDPCNT value is transferred to TDPICR and the values of TDPICR and TDPPDMX
are compared. If the TDPICR value is greater than the TDPPDMX value, the TPDMXOVF flag in
TDPCSR is set to 1. TDPPDMX must always be accessed in 16-bit units and cannot be accessed
in 8-bit units. TDPPDMX is initialized to H'FFFF.
12.3.5
TDP Cycle Lower Limit Register (TDPPDMN)
TDPPDMN is a 16-bit readable/writable register. When the TDPMDS bit in TDPCR1 is set to 1
(cycle measurement mode), TDPPDMN is available as a cycle lower limit register.
In cycle measurement mode, TDPPDMN can be used to set the lower limit value of measurement
period. When the third edge (the first edge of the next period) of the measurement period is
detected, the TDPCNT value is transferred to TDPICR and the values of TDPICR and TDPPDMN
are compared. If the TDPICR value is less than the TDPPDMN value, the TPDMNUDF flag in
TDPCSR is set to 1. TDPPDMN must always be accessed in 16-bit units and cannot be accessed
in 8-bit units. TDPPDMN is initialized to H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com