Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 361 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 357Page - Renesas Technology Corp H8S/2117R Datasheet HTML 358Page - Renesas Technology Corp H8S/2117R Datasheet HTML 359Page - Renesas Technology Corp H8S/2117R Datasheet HTML 360Page - Renesas Technology Corp H8S/2117R Datasheet HTML 361Page - Renesas Technology Corp H8S/2117R Datasheet HTML 362Page - Renesas Technology Corp H8S/2117R Datasheet HTML 363Page - Renesas Technology Corp H8S/2117R Datasheet HTML 364Page - Renesas Technology Corp H8S/2117R Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 335 of 994
REJ09B0452-0100
12.3.6
TDP Input Capture Register (TDPICR)
TDPICR is a 16-bit read-only register. In timer mode, the TDPCNT value is transferred to
TDPICR on the edge selected by the IEDG bit in TDPCR1, and the ICPF flag in TDPCSR is set to
1. In cycle measurement mode, the TDPCNT value is transferred to TDPICR when the first edge
of the measurement period is detected. At the same time, the ICPF flag in TDPCSR is set to 1.
TDPICR must always be accessed in 16-bit units and cannot be accessed in 8-bit units. TDPICR is
initialized to H'0000.
12.3.7
TDP Input Capture Buffer Register (TDPICRF)
TDPICRF is a 16-bit read-only register. TDPICRF can be used as a TDPICR buffer register.
When input capture occurs, the TDPICR value is transferred to TDPICRF.
TDPICRF must always be accessed in 16-bit units and cannot be accessed in 8-bit units.
TDPICRF is initialized to H'0000.
12.3.8
TDP Status Register (TDPCSR)
TDPCSR indicates the status flags and selects the external clock edge.
Bit
Bit Name
Initial
Value
R/W
Description
7
OVF
0
R/(W)* Timer Overflow
This flag indicates a TDPCNT overflow.
[Setting condition]
• TDPCNT overflow (H'FFFF changes to H'0000)
[Clearing condition]
• Reading OVF when OVF = 1 and then writing 0 to OVF
6
TWDMXOVF
0
R/(W)* Pulse Width Upper Limit Overflow
This flag indicates that the waveform pulse width measured
in cycle measurement mode has exceeded the upper limit
specified in TDPWDMX.
[Setting condition]
• When TDPICR is greater than TDPWDMX
[Clearing condition]
• Reading TWDMXOVF when TWDMXOVF = 1 and then
writing 0 to TWDMXOVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com