Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 509 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 505Page - Renesas Technology Corp H8S/2117R Datasheet HTML 506Page - Renesas Technology Corp H8S/2117R Datasheet HTML 507Page - Renesas Technology Corp H8S/2117R Datasheet HTML 508Page - Renesas Technology Corp H8S/2117R Datasheet HTML 509Page - Renesas Technology Corp H8S/2117R Datasheet HTML 510Page - Renesas Technology Corp H8S/2117R Datasheet HTML 511Page - Renesas Technology Corp H8S/2117R Datasheet HTML 512Page - Renesas Technology Corp H8S/2117R Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 1024 page
background image
Section 16 CIR Interface
Rev. 1.00 Apr. 28, 2008 Page 483 of 994
REJ09B0452-0100
(2) Stop
When a low-level period of 9 ms or more is detected after the reception of a command, the CIR
stops data reception. This is not defined in the NEC format.
Command
Stop
C = 0.56 ms
D = 1.78 ms
C
A = 9.0 ms
CIRI
A: Low-level period for a stop
C: High-level period for logic 0/1, low-level period for logic 0, and high-level period for a stop
D: Low-level period for logic 1
[Legend]
Figure 16.4 Stop
(3) Repeat
When a key of the remote controller remains pressed, the command is sent only once, followed by
a repeat signal. When a 9-ms high level and the following 2.25-ms low level are detected, they are
recognized as a repeat header.
Repeat
Repeat - Header
A = 9.0 ms
E = 2.25 ms
C = 0.56 ms
[Legend]
A: High-level period for a repeat header
E: Low-level period for a repeat header
C: High-level period for a repeat
CIRI
Figure 16.5 Repeat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com