Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 106 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 102Page - Renesas Technology Corp H8S/2117R Datasheet HTML 103Page - Renesas Technology Corp H8S/2117R Datasheet HTML 104Page - Renesas Technology Corp H8S/2117R Datasheet HTML 105Page - Renesas Technology Corp H8S/2117R Datasheet HTML 106Page - Renesas Technology Corp H8S/2117R Datasheet HTML 107Page - Renesas Technology Corp H8S/2117R Datasheet HTML 108Page - Renesas Technology Corp H8S/2117R Datasheet HTML 109Page - Renesas Technology Corp H8S/2117R Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 1024 page
background image
Section 4 Exception Handling
Rev. 1.00 Apr. 28, 2008 Page 80 of 994
REJ09B0452-0100
Figure 4.1 shows an example of the reset sequence.
φ
RES
Internal address bus
Internal read signal
Internal write signal
Internal data bus
Vector
fetch
(1) Reset exception handling vector address (1) U = H'000000 (1) L = H'000002
(2) Start address (contents of reset exception handling vector address)
(3) Start address ((3) = (2)U + (2)L)
(4) First program instruction
(1) U
(3)
High
Internal
processing
Prefetch of first
program instruction
(2)
(2)
(4)
UL
(1) L
Figure 4.1 Reset Sequence (Mode 2)
4.3.2
Interrupts Immediately after Reset
If an interrupt is accepted immediately after a reset and before the stack pointer (SP) is initialized,
the PC and CCR will not be saved correctly, leading to a program crash. To prevent this, all
interrupt requests, including NMI, are disabled immediately after a reset. Since the first instruction
of a program is always executed immediately after a reset, make sure that this instruction
initializes the SP (example: MOV.L #xx: 32, SP).
4.3.3
On-Chip Peripheral Modules after Reset is Cancelled
After a reset is cancelled, the module stop control registers (MSTPCRH, MSTPCRL, MSTPCRA,
MSTPCRB) are initialized, and all modules except the DTC operate in module stop mode.
Therefore, the registers of on-chip peripheral modules cannot be read from or written to. To read
from and write to these registers, clear module stop mode. For details on module stop mode, see
section 26, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com