Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 107 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 103Page - Renesas Technology Corp H8S/2117R Datasheet HTML 104Page - Renesas Technology Corp H8S/2117R Datasheet HTML 105Page - Renesas Technology Corp H8S/2117R Datasheet HTML 106Page - Renesas Technology Corp H8S/2117R Datasheet HTML 107Page - Renesas Technology Corp H8S/2117R Datasheet HTML 108Page - Renesas Technology Corp H8S/2117R Datasheet HTML 109Page - Renesas Technology Corp H8S/2117R Datasheet HTML 110Page - Renesas Technology Corp H8S/2117R Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 1024 page
background image
Section 4 Exception Handling
Rev. 1.00 Apr. 28, 2008 Page 81 of 994
REJ09B0452-0100
4.4
Interrupt Exception Handling
Interrupts are controlled by the interrupt controller. The sources to start interrupt exception
handling are external interrupt sources (NMI, IRQ15 to IRQ0, KIN15 to KIN0, and WUE15 to
WUE8) and internal interrupt sources from the on-chip peripheral modules. NMI is an interrupt
with the highest priority. For details, see section 5, Interrupt Controller.
Interrupt exception handling is conducted as follows:
1. The values in the program counter (PC) and condition code register (CCR) are saved in the
stack.
2. A vector address corresponding to the interrupt source is generated, the start address is loaded
from the vector table to the PC, and program execution starts from that address.
4.5
Trap Instruction Exception Handling
Trap instruction exception handling starts when a TRAPA instruction is executed. Trap instruction
exception handling can be executed at all times in the program execution state.
Trap instruction exception handling is conducted as follows:
1. The values in the program counter (PC) and condition code register (CCR) are saved in the
stack.
2. A vector address corresponding to the interrupt source is generated, the start address is loaded
from the vector table to the PC, and program execution starts from that address.
The TRAPA instruction fetches a start address from a vector table corresponding to a vector
number from 0 to 3, as specified in the instruction code.
Table 4.4 shows the status of CCR after execution of trap instruction exception handling.
Table 4.4
Status of CCR after Trap Instruction Exception Handling
CCR
Interrupt Control Mode
I
UI
0
Set to 1
Retains value prior to execution
1
Set to 1
Set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com