Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 108 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 104Page - Renesas Technology Corp H8S/2117R Datasheet HTML 105Page - Renesas Technology Corp H8S/2117R Datasheet HTML 106Page - Renesas Technology Corp H8S/2117R Datasheet HTML 107Page - Renesas Technology Corp H8S/2117R Datasheet HTML 108Page - Renesas Technology Corp H8S/2117R Datasheet HTML 109Page - Renesas Technology Corp H8S/2117R Datasheet HTML 110Page - Renesas Technology Corp H8S/2117R Datasheet HTML 111Page - Renesas Technology Corp H8S/2117R Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1024 page
background image
Section 4 Exception Handling
Rev. 1.00 Apr. 28, 2008 Page 82 of 994
REJ09B0452-0100
4.6
Exception Handling by Illegal Instruction
The exception handling by the illegal instruction starts when an undefined code is executed. The
exception handling by the illegal instruction is always executable in the program execution state.
The exception handling operates as follows:
1. The contents of the PC and CCR are saved in the stack.
2. The interrupt mask bit is updated.
3. An exception handling vector table address corresponding to the occurred exception is
generated, the start address of the exception service routine is loaded from the vector table to
the PC, and program execution starts from that address.
Table 4.5 shows the state of CCR after execution of illegal instruction exception handling.
Table 4.5
Status of CCR after Illegal Instruction Exception Handling
CCR
Interrupt Control Mode
I
UI
0
Set to 1
Retains the previous value
1
Set to 1
Set to 1
Illegal instruction code is not detected for fields that do not affect the definition of the instruction,
such as an effective address extension (EA) and register fields. In addition, the instruction code of
instructions consisting of multiple words are detected individually and are not detected as
combinations of instruction codes.
Do not execute instruction codes that are not defined. The contents of general registers are not
guaranteed after the execution of an undefined instruction code or exception handling by the
illegal instruction. The value of the stack pointer at the time of exception handling by the illegal
instruction and the saved contents of the PC are also not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com