Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 134 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 130Page - Renesas Technology Corp H8S/2117R Datasheet HTML 131Page - Renesas Technology Corp H8S/2117R Datasheet HTML 132Page - Renesas Technology Corp H8S/2117R Datasheet HTML 133Page - Renesas Technology Corp H8S/2117R Datasheet HTML 134Page - Renesas Technology Corp H8S/2117R Datasheet HTML 135Page - Renesas Technology Corp H8S/2117R Datasheet HTML 136Page - Renesas Technology Corp H8S/2117R Datasheet HTML 137Page - Renesas Technology Corp H8S/2117R Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 108 of 994
REJ09B0452-0100
5.4.2
Internal Interrupt Sources
Internal interrupts issued from the on-chip peripheral modules have the following features:
• For each on-chip peripheral module there are flags that indicate the interrupt request status,
and enable bits that individually select enabling or disabling of these interrupts. When the
enable bit for a particular interrupt source is set to 1, an interrupt request is sent to the interrupt
controller.
• The control level for each interrupt can be set by ICR.
5.5
Interrupt Exception Handling Vector Tables
Tables 5.4 and 5.5 list interrupt exception handling sources, vector addresses, and interrupt
priorities. H8S/2140B Group compatible vector mode or extended vector mode can be selected for
the vector addresses by the EIVS bit in system control register 3 (SYSCR3).
For default priorities, the lower the vector number, the higher the priority. Modules set at the same
priority will conform to their default priorities. Priorities within a module are fixed.
An interrupt control level can be specified for a module to which an ICR bit is assigned. Interrupt
requests from modules that are set to interrupt control level 1 (priority) by the interrupt control
level and the I and UI bits in CCR are given priority and processed before interrupt requests from
modules that are set to interrupt control level 0 (no priority).
Table 5.5
Interrupt Sources, Vector Addresses, and Interrupt Priorities
(H8S/2140B Group Compatible Vector Mode)
Vector Address
Origin of
Interrupt
Source
Name
Vector
Number
Advanced Mode
ICR
Priority
External pin
NMI
7
H'00001C
—
High
IRQ0
16
H'000040
ICRA7
IRQ1
17
H'000044
ICRA6
IRQ2
IRQ3
18
19
H'000048
H'00004C
ICRA5
IRQ4
IRQ5
20
21
H'000050
H'000054
ICRA4
IRQ6, KIN7 to KIN0
IRQ7, KIN15 to KIN8
22
23
H'000058
H'00005C
ICRA3
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com