Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 130 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 126Page - Renesas Technology Corp H8S/2117R Datasheet HTML 127Page - Renesas Technology Corp H8S/2117R Datasheet HTML 128Page - Renesas Technology Corp H8S/2117R Datasheet HTML 129Page - Renesas Technology Corp H8S/2117R Datasheet HTML 130Page - Renesas Technology Corp H8S/2117R Datasheet HTML 131Page - Renesas Technology Corp H8S/2117R Datasheet HTML 132Page - Renesas Technology Corp H8S/2117R Datasheet HTML 133Page - Renesas Technology Corp H8S/2117R Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 104 of 994
REJ09B0452-0100
5.3.9
Wake-Up Sense Control Register (WUESCR)
Wake-Up Input Interrupt Status Register (WUESR)
Wake-Up Enable Register (WER)
WUESCR selects the interrupt source of the wake-up event interrupt inputs (WUE15 to WUE8).
WUESR is an interrupt request flag register. WER enables/disables interrupts.
• WUESCR
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
WUE15SC
WUE14SC
WUE13SC
WUE12SC
WUE11SC
WUE10SC
WUE9SC
WUE8SC
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Wake-Up Event Interrupt Source Select
These bits select the source that generates an
interrupt request at wake-up event interrupt inputs
(WUE15 to WUE8).
0: Interrupt request generated at falling edge of
WUEn input
1: Interrupt request generated at rising edge of
WUEn input
(n = 15 to 8)
• WUESR
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
WUE15F
WUE14F
WUE13F
WUE12F
WUE11F
WUE10F
WUE9F
WUE8F
0
0
0
0
0
0
0
0
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Wake-Up Input Interrupt (WUE15 to WUE8)
Request Flag Register
These bits are status flags that indicate that wake-
up input interrupts (WUE15 to WUE8) are
requested.
[Setting condition]
• When a wake-up input interrupt is generated
[Clearing condition]
• When 0 is written after reading 1
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com