Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 133 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 129Page - Renesas Technology Corp H8S/2117R Datasheet HTML 130Page - Renesas Technology Corp H8S/2117R Datasheet HTML 131Page - Renesas Technology Corp H8S/2117R Datasheet HTML 132Page - Renesas Technology Corp H8S/2117R Datasheet HTML 133Page - Renesas Technology Corp H8S/2117R Datasheet HTML 134Page - Renesas Technology Corp H8S/2117R Datasheet HTML 135Page - Renesas Technology Corp H8S/2117R Datasheet HTML 136Page - Renesas Technology Corp H8S/2117R Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 107 of 994
REJ09B0452-0100
 When using the IRQ6 pin as the IRQ6 interrupt input pin, the KMIMR6 bit must be cleared
to 0. When using the
IRQ7 pin as the IRQ7 interrupt input pin, the KMIMR15 to KMIMR8
bits must all be set to 1. If even one of these bits is cleared to 0, the IRQ7 interrupt input
from the
IRQ7 pin is ignored.
• Extended vector mode (EIVS = 1 in SYSCR3)
 Interrupts KIN15 to KIN8 and KIN7 to KIN0, each form a group. The interrupt exception
handling for an interrupt request from the same group is started at the same vector address.
 Interrupt requests are generated on the falling edge of pins KIN15 to KIN0.
 Interrupt requests KIN15 to KIN0 can be masked by using KMIMRA and KMIMR.
 The status of interrupt requests KIN15 to KIN0 are not indicated.
An IRQ6 interrupt is enabled only by input to the
ExIRQ6 pin. The IRQ6 pin is only
available for a KIN interrupt input, and functions as the
KIN6 pin. The initial value of the
KMIMR6 bit is 1. For the IRQ7 interrupt, either the
IRQ7 pin or ExIRQ7 pin can be
selected as the input pin using the ISS7 bit. The IRQ7 interrupt is not affected by the
settings of bits KMIMR15 to KMIMR8. The detection of interrupts KIN15 to KIN0 does
not depend on whether the relevant pin has been set for input or output. Therefore, when a
pin is used as an external interrupt input pin, clear the DDR bit of the corresponding port to
0 so it is not used as an I/O pin for another function.
(4)
WUE15 to WUE8 Interrupts
Interrupt requests WUE15 to WUE8 can be configured regardless of the setting of the EIVS bit in
system control register 3 (SYSCR3).
A block diagram of interrupts WUE15 to WUE8 is shown in figure 5.5.
S
R
Q
WUEMRn
WUEn input
WUEn interrupt request
Clear signal
Rising/falling-edge
selection and interrupt
enable/disable circuit
n = 15 to 8
Figure 5.5 Block Diagram of Interrupts WUE15 to WUE8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com