Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 132 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 128Page - Renesas Technology Corp H8S/2117R Datasheet HTML 129Page - Renesas Technology Corp H8S/2117R Datasheet HTML 130Page - Renesas Technology Corp H8S/2117R Datasheet HTML 131Page - Renesas Technology Corp H8S/2117R Datasheet HTML 132Page - Renesas Technology Corp H8S/2117R Datasheet HTML 133Page - Renesas Technology Corp H8S/2117R Datasheet HTML 134Page - Renesas Technology Corp H8S/2117R Datasheet HTML 135Page - Renesas Technology Corp H8S/2117R Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 106 of 994
REJ09B0452-0100
When the interrupts are requested while IRQ15 to IRQ0 interrupt requests are generated at low
level of
IRQn input, hold the corresponding IRQ input at low level until the interrupt handling
starts. Then put the relevant
IRQ input back to high level within the interrupt handling routine and
clear the IRQnF bit (n
= 15 to 0) in ISR to 0. If the relevant IRQ input is put back to high level
before the interrupt handling starts, the relevant interrupt may not be executed.
The detection of IRQ15 to IRQ0 interrupts does not depend on whether the relevant pin has been
set for input or output. Therefore, when a pin is used as an external interrupt input pin, clear the
DDR bit of the corresponding port to 0 so it is not used as an I/O pin for another function.
A block diagram of interrupts IRQ15 to IRQ0 is shown in figure 5.4.
IRQnE
IRQnF
S
R
Q
IRQn
ISSm
ExIRQn
IRQn interrupt
request
Clear signal
IRQnSCA, IRQnSCB
n = 15 to 7
m = 15 to 7
Note: Switching between the
IRQ6 and ExIRQ6 pins is controlled by the EIVS bit.
Edge/level
detection circuit
Figure 5.4 Block Diagram of Interrupts IRQ15 to IRQ0
(3)
KIN15 to KIN0 Interrupts
Interrupts KIN15 to KIN0 are requested by the input signals on pins
KIN15 to KIN0. Functions of
interrupts KIN15 to KIN0 change as follows according to the setting of the EIVS bit in system
control register 3 (SYSCR3).
• H8S/2140B Group compatible vector mode (EIVS = 0 in SYSCR3)
 Interrupts KIN15 to KIN8 correspond to interrupt IRQ7, and interrupts KIN7 to KIN0
correspond to interrupt IRQ6. The pin conditions for generating an interrupt request,
whether the interrupt request is enabled, interrupt control level setting, and status of the
interrupt request for the above interrupts are in accordance with the settings and status of
the relevant interrupts IRQ7 and IRQ6.
 KIN15 to KIN0 interrupt requests can be masked by using KMIMRA and KMIMR.
 If the KIN7 to KIN0 pins are specified to be used as key-sensing interrupt input pins, the
interrupt sensing condition for the corresponding interrupt source (IRQ6 or IRQ7) must be
set to low-level sensing or falling-edge sensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com