Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 187 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 183Page - Renesas Technology Corp H8S/2117R Datasheet HTML 184Page - Renesas Technology Corp H8S/2117R Datasheet HTML 185Page - Renesas Technology Corp H8S/2117R Datasheet HTML 186Page - Renesas Technology Corp H8S/2117R Datasheet HTML 187Page - Renesas Technology Corp H8S/2117R Datasheet HTML 188Page - Renesas Technology Corp H8S/2117R Datasheet HTML 189Page - Renesas Technology Corp H8S/2117R Datasheet HTML 190Page - Renesas Technology Corp H8S/2117R Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 161 of 994
REJ09B0452-0100
7.2.6
Port 6
(1)
P67/
KIN7/IRQ7
When the KMIM7 bit in KMIMR of the interrupt controller is cleared to 0, this pin can be used as
the
KIN7 input pin. When the ISS7 bit in ISSR is cleared to 0 and the IRQ7E bit in IER of the
interrupt controller is set to 1, this pin can be used as the
IRQ7 input pin.
The pin function is switched as shown below according to the state of the P67DDR bit.
Setting
I/O Port
Module
Name
Pin Function
P67DDR
P67 output
1
I/O port
P67 input
(initial setting)
0
(2)
P66/
KIN6/IRQ6
When the KMIM6 bit in KMIMR of the interrupt controller is cleared to 0, this pin can be used as
the
KIN6 input pin. When the EIVS bit in SYSCR3 is cleared to 0 and the IRQ6E bit in IER of the
interrupt controller is set to 1, this pin can be used as the
IRQ6 input pin.
The pin function is switched as shown below according to the state of the P66DDR bit.
Setting
I/O Port
Module
Name
Pin Function
P66DDR
P66 output
1
I/O port
P66 input
(initial setting)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com