Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 185 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 181Page - Renesas Technology Corp H8S/2117R Datasheet HTML 182Page - Renesas Technology Corp H8S/2117R Datasheet HTML 183Page - Renesas Technology Corp H8S/2117R Datasheet HTML 184Page - Renesas Technology Corp H8S/2117R Datasheet HTML 185Page - Renesas Technology Corp H8S/2117R Datasheet HTML 186Page - Renesas Technology Corp H8S/2117R Datasheet HTML 187Page - Renesas Technology Corp H8S/2117R Datasheet HTML 188Page - Renesas Technology Corp H8S/2117R Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 159 of 994
REJ09B0452-0100
(8)
P40/TMI0/TxD2/TCMCYI0
The pin function is switched as shown below according to the combination of the TMR and the
SCI and the P40DDR bit.
Setting
SCI
I/O Port
Module
Name
Pin Function
TxD2_OE
P40DDR
SCI
TxD2 output
1
P40 output
0
1
I/O port
P40 input
(initial setting)
0
0
7.2.5
Port 5
(1)
P52/SCL0
The pin function is switched as shown below according to the combination of the IIC0AS and
IIC0BS bits in PTCNT1, ICE bit in ICCR of IIC_0, and the P52DDR bit.
Setting
IIC_0
I/O Port
Module
Name
Pin Function
SCL0_OE
P52DDR
IIC
SCL0 output
1
P52 output
0
1
I/O port
P52 input
(initial setting)
0
0
Note:
To use this pin as SCL0, clear the IIC0AS and IIC0BS bits in PTCNT1 to 0. The output
format for SCL0 is NMOS output only and direct bus drive is possible. When this pin is used
as the P52 output pin, the output format is NMOS push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com