Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 189 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 185Page - Renesas Technology Corp H8S/2117R Datasheet HTML 186Page - Renesas Technology Corp H8S/2117R Datasheet HTML 187Page - Renesas Technology Corp H8S/2117R Datasheet HTML 188Page - Renesas Technology Corp H8S/2117R Datasheet HTML 189Page - Renesas Technology Corp H8S/2117R Datasheet HTML 190Page - Renesas Technology Corp H8S/2117R Datasheet HTML 191Page - Renesas Technology Corp H8S/2117R Datasheet HTML 192Page - Renesas Technology Corp H8S/2117R Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 163 of 994
REJ09B0452-0100
7.2.8
Port 8
(1)
P86/
IRQ5/SCK1/SCL1
The pin function is switched as shown below according to the combination of the C/
A bit in SMR
of SCI_1, CKE0 and CKE1 bits in SCR, IIC1AS and IIC1BS bits in PTCNT1, ICE bit in ICCR of
IIC_1, and the P86DDR bit. When the ISS5 bit in ISSR is cleared to 0 and the IRQ5E bit in IER of
the interrupt controller is set to 1, this pin can be used as the
IRQ5 input pin.
Setting
SCI
IIC
I/O Port
Module
Name
Pin Function
SCK1_OE
SCL1_OE
P86DDR
SCI
SCK1 input/output 1
0
IIC
SCL1 input/output 0
1
P86 output
0
0
1
I/O port
P86 input
(initial setting)
0
0
0
Note:
To use this pin as SCL1 input/output, be sure that SCK1_OE is 0. To use this pin as SCL1,
the IIC1AS and IIC1BS bits in PTCNT1 must be cleared to 0. The output format for SCL1 is
NMOS output only and direct bus drive is possible. When this pin is used as the P86 output
pin or SCK1 output pin, the output format is NMOS push-pull.
(2)
P85/
IRQ4/RxD1
The pin function is switched as shown below according to the state of the P85DDR bit.
Setting
SCI
I/O Port
Module
Name
Pin Function
RE
P85DDR
SCI
RxD1 input
1
P85 output
0
1
I/O port
P85 input
(initial setting)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com