Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 210 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 206Page - Renesas Technology Corp H8S/2117R Datasheet HTML 207Page - Renesas Technology Corp H8S/2117R Datasheet HTML 208Page - Renesas Technology Corp H8S/2117R Datasheet HTML 209Page - Renesas Technology Corp H8S/2117R Datasheet HTML 210Page - Renesas Technology Corp H8S/2117R Datasheet HTML 211Page - Renesas Technology Corp H8S/2117R Datasheet HTML 212Page - Renesas Technology Corp H8S/2117R Datasheet HTML 213Page - Renesas Technology Corp H8S/2117R Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 184 of 994
REJ09B0452-0100
(7)
PG1/
ExIRQ9/TMIY/TDPCKI1/TDPMCI1
The pin function is switched as shown below according to the state of the PG1DDR bit. When the
PMMS bit in TDPCR2_1 of the TDP is set to 1, this pin is used as the TDPMCI1 input pin. When
the external clock is selected by the CKS2 to CKS0 bits in TDPCR1_1 of the TDP, this pin is used
as the TDPCKI1 input pin. Do not set input of TDPCKI1 and TDPMCI1 at the same time. When
the ISS9 bit in ISSR16 is set to 1 and the IRQ9E bit in IER16 of the interrupt controller is set to 1,
this pin can be used as the
ExIRQ9 input pin.
Setting
I/O Port
Module
Name
Pin Function
PG1DDR
PG1 output
1
I/O port
PG1 input
(initial setting)
0
(8)
PG0/
ExIRQ8/TMIX/TDPCYI1
The pin function is switched as shown below according to the state of the PG0DDR bit. When the
TDPIPE bit in TDPIER_1 of the TDP is set to 1, this pin is used as the TDPCYI1 input pin. When
the ISS8 bit in ISSR16 is set to 1 and the IRQ8E bit in IER16 of the interrupt controller is set to 1,
this pin can be used as the
ExIRQ8 input pin.
Setting
I/O Port
Module
Name
Pin Function
PG0DDR
PG0 output
1
I/O port
PG0 input
(initial setting)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com