Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 208 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 204Page - Renesas Technology Corp H8S/2117R Datasheet HTML 205Page - Renesas Technology Corp H8S/2117R Datasheet HTML 206Page - Renesas Technology Corp H8S/2117R Datasheet HTML 207Page - Renesas Technology Corp H8S/2117R Datasheet HTML 208Page - Renesas Technology Corp H8S/2117R Datasheet HTML 209Page - Renesas Technology Corp H8S/2117R Datasheet HTML 210Page - Renesas Technology Corp H8S/2117R Datasheet HTML 211Page - Renesas Technology Corp H8S/2117R Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 182 of 994
REJ09B0452-0100
(3)
PG5/ExSCLA/
ExIRQ13
The pin function is switched as shown below according to the combination of the register setting
of PTCNT1 and the PG5DDR bit. When the ISS13 bit in ISSR16 is set to 1 and the IRQ13E bit in
IER16 of the interrupt controller is set to 1, this pin can be used as the
ExIRQ13 input pin.
Setting
PTCNT1
I/O Port
Module
Name
Pin Function
ExSCLA_OE
PG5DDR
PTCNT1
ExSCLA
input/output
1
PG5 output
0
1
I/O port
PG5 input
(initial setting)
0
0
Note:
The output format for ExSCLA is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG5 output pin, the output format is NMOS push-pull.
(4)
PG4/ExSDAA/
ExIRQ12
The pin function is switched as shown below according to the combination of the register setting
of PTCNT1 and the PG4DDR bit. When the ISS12 bit in ISSR16 is set to 1 and the IRQ12E bit in
IER16 of the interrupt controller is set to 1, this pin can be used as the
ExIRQ12 input pin.
Setting
PTCNT1
I/O Port
Module
Name
Pin Function
ExSDAA_OE
PG4DDR
PTCNT1
ExSDAA
input/output
1
PG4 output
0
1
I/O port
PG4 input
(initial setting)
0
0
Note:
The output format for ExSDAA is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG4 output pin, the output format is NMOS push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com