Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 207 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 203Page - Renesas Technology Corp H8S/2117R Datasheet HTML 204Page - Renesas Technology Corp H8S/2117R Datasheet HTML 205Page - Renesas Technology Corp H8S/2117R Datasheet HTML 206Page - Renesas Technology Corp H8S/2117R Datasheet HTML 207Page - Renesas Technology Corp H8S/2117R Datasheet HTML 208Page - Renesas Technology Corp H8S/2117R Datasheet HTML 209Page - Renesas Technology Corp H8S/2117R Datasheet HTML 210Page - Renesas Technology Corp H8S/2117R Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 181 of 994
REJ09B0452-0100
7.2.16
Port G
(1)
PG7/ExSCLB/
ExIRQ15
The pin function is switched as shown below according to the combination of the register setting
of PTCNT1 and the PG7DDR bit. When the ISS15 bit in ISSR16 is set to 1 and the IRQ15E bit in
IER16 of the interrupt controller is set to 1, this pin can be used as the
ExIRQ15 input pin.
Setting
PTCNT1
I/O Port
Module
Name
Pin Function
ExSCLB_OE
PG7DDR
PTCNT1
ExSCLB
input/output
1
PG7 output
0
1
I/O port
PG7 input
(initial setting)
0
0
Note:
The output format for ExSCLB is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG7 output pin, the output format is NMOS push-pull.
(2)
PG6/ExSDAB/
ExIRQ14
The pin function is switched as shown below according to the combination of the register setting
of PTCNT1 and the PG6DDR bit. When the ISS14 bit in ISSR16 is set to 1 and the IRQ14E bit in
IER16 of the interrupt controller is set to 1, this pin can be used as the
ExIRQ14 input pin.
Setting
PTCNT1
I/O Port
Module
Name
Pin Function
ExSDAB_OE
PG6DDR
PTCNT1
ExSDAB
input/output
1
PG6 output
0
1
I/O port
PG6 input
(initial setting)
0
0
Note:
The output format for ExSDAB is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG6 output pin, the output format is NMOS push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com