Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 209 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 205Page - Renesas Technology Corp H8S/2117R Datasheet HTML 206Page - Renesas Technology Corp H8S/2117R Datasheet HTML 207Page - Renesas Technology Corp H8S/2117R Datasheet HTML 208Page - Renesas Technology Corp H8S/2117R Datasheet HTML 209Page - Renesas Technology Corp H8S/2117R Datasheet HTML 210Page - Renesas Technology Corp H8S/2117R Datasheet HTML 211Page - Renesas Technology Corp H8S/2117R Datasheet HTML 212Page - Renesas Technology Corp H8S/2117R Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 183 of 994
REJ09B0452-0100
(5)
PG3/SCL2/
ExIRQ11
The pin function is switched as shown below according to the combination of the register setting
of the IIC and the PG3DDR bit. When the ISS11 bit in ISSR16 is set to 1 and the IRQ11E bit in
IER16 of the interrupt controller is set to 1, this pin can be used as the
ExIRQ11 input pin.
Setting
IIC
I/O Port
Module
Name
Pin Function
SCL2_OE
PG3DDR
IIC
SCL2 input/output 1
PG3 output
0
1
I/O port
PG3 input
(initial setting)
0
0
Note:
The output format for SCL2 is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG3 output pin, the output format is NMOS push-pull.
(6)
PG2/SDA2/
ExIRQ10
The pin function is switched as shown below according to the combination of the register setting
of the IIC and the PG2DDR bit. When the ISS10 bit in ISSR16 is set to 1 and the IRQ10E bit in
IER16 of the interrupt controller is set to 1, this pin can be used as the
ExIRQ10 input pin.
Setting
IIC
I/O Port
Module
Name
Pin Function
SDA2_OE
PG2DDR
IIC
SDA2 input/output 1
PG2 output
0
1
I/O port
PG2 input
(initial setting)
0
0
Note:
The output format for SDA2 is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG2 output pin, the output format is NMOS push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com