Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 477 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 473Page - Renesas Technology Corp H8S/2112 Datasheet HTML 474Page - Renesas Technology Corp H8S/2112 Datasheet HTML 475Page - Renesas Technology Corp H8S/2112 Datasheet HTML 476Page - Renesas Technology Corp H8S/2112 Datasheet HTML 477Page - Renesas Technology Corp H8S/2112 Datasheet HTML 478Page - Renesas Technology Corp H8S/2112 Datasheet HTML 479Page - Renesas Technology Corp H8S/2112 Datasheet HTML 480Page - Renesas Technology Corp H8S/2112 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 453 of 866
REJ09B0451-0100
(2)
Serial Data Transmission
Figure 15.4 shows an example of the data transmission flowchart.
Start transmission
Read THRE flag in FLSR
Write transmit data to FTHR
Read TEMT flag in FLSR
THRE = 1?
All data written
Yes
No
No
No
Yes
Yes
TEMT = 1
No
Yes
Break output
(End of transmission or transmission standby)
Yes
Break time completed
Initialization
Set BREAK bit in FLCR to 1
Clear BREAK bit in FLCR to 0
[1]
[2]
[3]
[1] Confirm that the THRE flag in FLSR is 1, and write transmit
data to FTHR. When FIFOs are used, write 1-byte to 16-byte
transmit data. When the OUT2 bit in FMCR and the ETBEI bit
in FIER are set to 1, an FTHR empty interrupt occurs. When
data is written to FTHR, it is transferred automatically to FTSR.
The data is then transmitted from the FTxD pin in the order of
the start bit, transmit data, parity bit, and stop bit.
[2] Read the TEMT flag in FLSR, and confirm that TEMT is set to
1 to ensure that all transmit data has been transmitted.
[3] To output a break at the end of serial transmission, set the
BREAK bit in FLCR to 1. After completion of the break time,
clear the BREAK bit in FLCR to 0 to clear the break.
Figure 15.4 Example of Data Transmission Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com