Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 478 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 474Page - Renesas Technology Corp H8S/2112 Datasheet HTML 475Page - Renesas Technology Corp H8S/2112 Datasheet HTML 476Page - Renesas Technology Corp H8S/2112 Datasheet HTML 477Page - Renesas Technology Corp H8S/2112 Datasheet HTML 478Page - Renesas Technology Corp H8S/2112 Datasheet HTML 479Page - Renesas Technology Corp H8S/2112 Datasheet HTML 480Page - Renesas Technology Corp H8S/2112 Datasheet HTML 481Page - Renesas Technology Corp H8S/2112 Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 454 of 866
REJ09B0451-0100
(3)
Serial Data Reception
Figure 15.5 shows an example of the data reception flowchart.
Start reception
Read DR flag in FLSR
Read FLSR
Read FRBR
Error processing
Read FLSR
DR = 1
RXFIFOERR = 1,
BI = 1, FE = 1,
PE = 1, or OE = 1
Yes
No
No
No
No
Yes
Yes
All data read
(End of reception or reception standby)
Yes
Initialization
[1]
[2]
[3]
[4]
DR = 0
[1]
Confirm that the DR flag in FLSR is 1 to ensure that
receive data is in the buffer. When the OUT2 bit in
FMCR and the ERBFI bit in FIER are set to 1, a
receive data ready interrupt occurs.
[2]
Read the RXFIFOERR, BI, FE, PE, and OE flags in
FLSR to ensure that no error has occurred. If an
error has occurred, perform error processing. When
the OUT2 bit in FMCR and the ELSI bit in FIER are
set to 1, a receive line status interrupt occurs.
[3]
Read the receive data in FRBR.
[4]
Check the DR flag in FLSR. When the DR flag is
cleared to 0 and all data has been read, data reception
is complete.
Figure 15.5 Example of Data Reception Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com