Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 362 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 358Page - Renesas Technology Corp H8S/2117R Datasheet HTML 359Page - Renesas Technology Corp H8S/2117R Datasheet HTML 360Page - Renesas Technology Corp H8S/2117R Datasheet HTML 361Page - Renesas Technology Corp H8S/2117R Datasheet HTML 362Page - Renesas Technology Corp H8S/2117R Datasheet HTML 363Page - Renesas Technology Corp H8S/2117R Datasheet HTML 364Page - Renesas Technology Corp H8S/2117R Datasheet HTML 365Page - Renesas Technology Corp H8S/2117R Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 336 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
5
TWDMNUDF
0
R/(W)* Pulse Width Lower Limit Underflow
This flag indicates that the waveform pulse width measured
in cycle measurement mode is below the lower limit
specified in TDPWDMN.
[Setting condition]
• When TDPICR is less than TDPWDMN
[Clearing condition]
• Reading TWDMNUDF when TWDMNUDF = 1 and then
writing 0 to TWDMNUDF
4
TPDMXOVF
0
R/(W)* Cycle Upper Limit Overflow
This flag indicates that the waveform period measured in
cycle measurement mode has exceeded the upper limit
specified in TDPPDMX.
[Setting condition]
• When TDPICR is greater than TDPPDMX
[Clearing condition]
• Reading TPDMXOVF when TPDMXOVF = 1 and then
writing 0 to TPDMXOVF
3
ICPF
0
R/(W)*
Input Capture Generation
In timer mode, this flag indicates that the value in TDPCNT
was transferred to TDPICR when an input capture signal
was generated. This flag is set when the input capture
signal selected by the IEDG bit is generated on the
TDPCYI input pin.
In cycle measurement mode, this flag indicates that the
value in TDPCNT was transferred to TDPICR when the
rising or falling edge of the PWM waveform was detected.
[Setting condition]
• When an input capture signal is generated
[Clearing condition]
• Reading ICPF when ICPF = 1 and then writing 0 to
ICPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com