Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 364 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 360Page - Renesas Technology Corp H8S/2117R Datasheet HTML 361Page - Renesas Technology Corp H8S/2117R Datasheet HTML 362Page - Renesas Technology Corp H8S/2117R Datasheet HTML 363Page - Renesas Technology Corp H8S/2117R Datasheet HTML 364Page - Renesas Technology Corp H8S/2117R Datasheet HTML 365Page - Renesas Technology Corp H8S/2117R Datasheet HTML 366Page - Renesas Technology Corp H8S/2117R Datasheet HTML 367Page - Renesas Technology Corp H8S/2117R Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 338 of 994
REJ09B0452-0100
12.3.9
TDP Control Register 1 (TDPCR1)
TDPCR1 selects the input capture input edge, starts the TDPCNT counter, selects the counter
clock, and controls the operating mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
CST
0
R/W
Counter Start
In timer mode, setting this bit to 1 starts counting by
TDPCNT, and clearing it stops counting. After the bit is
cleared, the counter is initialized to H'0000, and the input-
capture operation stops.
Clear this bit to initialize TDPCNT to H'0000 before setting
to cycle measurement mode.
6
POCTL
0
R/W
TDPCYI Input Polarity Inversion
0: TDPCYI input is used directly
1: TDPCYI input is inverted for use
Note: Change this bit when CST = 0 and TDPMDS
= 0.
5
CPSPE
0
R/W
Input Capture Stop Enable
Controls whether counting up by TDPCNT and input-
capture operation stop or continue when any of the
TPDMXOVF, TPDMNUDF, TWDMXOVF, and TWDMNUDF
flags is set to 1 in cycle measurement mode. This bit does
not affect operation in timer mode.
0: Counting up and input-capture operation continue when
any of the flags is set to 1.
1: Counting up and input-capture operation stop when any
of the flags is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com