Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 365 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 361Page - Renesas Technology Corp H8S/2117R Datasheet HTML 362Page - Renesas Technology Corp H8S/2117R Datasheet HTML 363Page - Renesas Technology Corp H8S/2117R Datasheet HTML 364Page - Renesas Technology Corp H8S/2117R Datasheet HTML 365Page - Renesas Technology Corp H8S/2117R Datasheet HTML 366Page - Renesas Technology Corp H8S/2117R Datasheet HTML 367Page - Renesas Technology Corp H8S/2117R Datasheet HTML 368Page - Renesas Technology Corp H8S/2117R Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 339 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
4
IEDG
0
R/W
Input Edge Select
In timer mode, in combination with the value of the POCTL
bit, selects the falling or rising edge of the TDPCYI input for
capturing input.
In cycle measurement mode, this bit does not affect
operation.
When POCTL = 0
0: The falling edge of TDPCYI input is selected
1: The rising edge of TDPCYI input is selected
When POCTL = 1
0: The rising edge of TDPCYI input is selected
1: The falling edge of TDPCYI input is selected
3
TDPMDS
0
R/W
TDP Mode Select
Selects the TDP operating mode.
0: Timer mode
In timer mode, the operating mode is input capture and
compare match.
1: Cycle measurement mode
Setting this bit to 1 starts counting by TDPCNT. Clear the
CST bit in TDPCR1 to initialize TDPCNT to H'0000
before setting cycle measurement mode.
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2, 1, 0
These bits select the clock signal for input to TDPCNT. Do
not select the external clock in level control measurement
mode.
000: Counts the
φ internal clock
001: Counts the
φ/2 internal clock
010: Counts the
φ/4 internal clock
011: Counts the
φ/8 internal clock
100: Counts the
φ/16 internal clock
101: Counts the
φ/32 internal clock
110: Counts the
φ/64 internal clock
111: Counts the external clock
(Select the external clock edge with CKSEG in TDPCSR.)
Note: Change this bit when CST = 0 and TDPMDS = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com