Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 367 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 363Page - Renesas Technology Corp H8S/2117R Datasheet HTML 364Page - Renesas Technology Corp H8S/2117R Datasheet HTML 365Page - Renesas Technology Corp H8S/2117R Datasheet HTML 366Page - Renesas Technology Corp H8S/2117R Datasheet HTML 367Page - Renesas Technology Corp H8S/2117R Datasheet HTML 368Page - Renesas Technology Corp H8S/2117R Datasheet HTML 369Page - Renesas Technology Corp H8S/2117R Datasheet HTML 370Page - Renesas Technology Corp H8S/2117R Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 341 of 994
REJ09B0452-0100
12.3.11
TDP Interrupt Enable Register (TDPIER)
TDPIER enables or disables interrupt requests and controls whether to enable or disable external
event input.
Bit
Bit Name
Initial
Value
R/W
Description
7
OVIE
0
R/W
Counter Overflow Interrupt Enable
Enables or disables the issuing of OVF interrupt requests
when the OVF flag in TDPCSR is set to 1.
0: OVF interrupt requests are disabled
1: OVF interrupt requests are enabled
6
TWDMXIE
0
R/W
Pulse Width Upper Limit Overflow Interrupt Enable
Enables or disables the issuing of TWDMXOVF interrupt
requests when the TWDMXOVF flag in TDPCSR is set to 1.
0: TWDMXOVF interrupt requests are disabled
1: TWDMXOVF interrupt requests are enabled
5
TWDMNIE
0
R/W
Pulse Width Lower Limit Underflow Interrupt Enable
Enables or disables the issuing of TWDMNUDF interrupt
requests when the TWDMNUDF flag in TDPCSR is set to 1.
0: TWDMNUDF interrupt requests are disabled
1: TWDMNUDF interrupt requests are enabled
4
TPDMXIE
0
R/W
Cycle Upper Limit Overflow Interrupt Enable
Enables or disables the issuing of TPDMXOVF interrupt
requests when the TPDMXOVF flag in TDPCSR is set to 1.
0: TPDMXOVF interrupt requests are disabled
1: TPDMXOVF interrupt requests are enabled
3
ICPIE
0
R/W
Input Capture Interrupt Enable
Enables or disables the issuing of ICPF interrupt requests
when the ICPF flag in TDPCSR is set to 1.
0: ICPF interrupt requests are disabled
1: ICPF interrupt requests are enabled
2
CMIE
0
R/W
Compare Match Interrupt Enable
Enables or disables the issuing of CMF interrupt requests
when the CMF flag in TDPCSR is set to 1.
0: CMF interrupt requests are disabled
1: CMF interrupt requests are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com