Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 369 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 365Page - Renesas Technology Corp H8S/2117R Datasheet HTML 366Page - Renesas Technology Corp H8S/2117R Datasheet HTML 367Page - Renesas Technology Corp H8S/2117R Datasheet HTML 368Page - Renesas Technology Corp H8S/2117R Datasheet HTML 369Page - Renesas Technology Corp H8S/2117R Datasheet HTML 370Page - Renesas Technology Corp H8S/2117R Datasheet HTML 371Page - Renesas Technology Corp H8S/2117R Datasheet HTML 372Page - Renesas Technology Corp H8S/2117R Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 343 of 994
REJ09B0452-0100
12.4
Operation
The TDP operates in timer mode or cycle measurement mode. After a reset, the TDP is in timer
mode.
12.4.1
Timer Mode
When the TDPMDS bit in TDPCR1 is cleared to 0, the TDP operates in timer mode.
(1)
Counter Operation
The TDP operates as a free-running counter in timer mode. The TDP starts counting up when the
CST bit in TDPCR1 is set to 1. When TDPCNT overflows (H'FFFF changes to H'0000), the OVF
bit in TDPCSR is set to 1 and an interrupt request is generated if the OVIE bit in TDPIER is 1.
Figure 12.2 shows an example of free-running counter operation. In addition, figure 12.3 shows
TDPCNT count timing for external clock operation. Note that the external clock requires a pulse
width of at least 1.5 cycles. The counter will not operate correctly if the pulses are narrower than
this.
φ
φ/4
TDPCNT
input clock
TDPCNT
N - 1
N
N + 1
Figure 12.2
Example of Free-Running Counter Operation
φ
TDPCKI
TDPCNT
input clock
TDPCNT
N - 1
N
N + 1
Figure 12.3 Count Timing of External Clock Operation (Falling Edges)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com