Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 370 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 366Page - Renesas Technology Corp H8S/2117R Datasheet HTML 367Page - Renesas Technology Corp H8S/2117R Datasheet HTML 368Page - Renesas Technology Corp H8S/2117R Datasheet HTML 369Page - Renesas Technology Corp H8S/2117R Datasheet HTML 370Page - Renesas Technology Corp H8S/2117R Datasheet HTML 371Page - Renesas Technology Corp H8S/2117R Datasheet HTML 372Page - Renesas Technology Corp H8S/2117R Datasheet HTML 373Page - Renesas Technology Corp H8S/2117R Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 344 of 994
REJ09B0452-0100
(2)
Input Capture
The value in TDPCNT is transferred to TDPICR by detecting the input edge of the TDPCYI pin in
timer mode. At the same time, the ICPF flag in TDPCSR is set. Detection of rising or falling edges
is selectable by setting the IEDG bit in TDPCR1. Figure 12.4 shows an example of the timing of
input capture operations, and figure 12.5 shows an example of buffer operation for input capture.
φ
TDPCYI
Input capture
signal
ICPF
TDPCNT
N + 3
N + 2
N + 1
N
N - 1
TDPICR
M
N
Figure 12.4 Example of Input Capture Operation Timing (Selection of Rising Edges)
φ
TDPCYI
Input capture
signal
TDPICRF
TDPCNT
0 + 1
0
N
N - 1
0
N
M
N
M
L
TDPICR
Figure 12.5 Example of Buffer Operation for Input Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com