| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2117R Datasheet(PDF) 372 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2117R Datasheet(HTML) 372 Page - Renesas Technology Corp |
|
372 / 1024 page ![]() Section 12 16-Bit Duty Period Measurement Timer (TDP) Rev. 1.00 Apr. 28, 2008 Page 346 of 994 REJ09B0452-0100 (2) Measuring a Cycle In cycle measurement mode, one cycle of the TDP input waveform forms one measurement cycle. Start by setting TDPMDS = 0 and CST = 0, which clears TDPCNT to H'0000. Next, set the upper limit and lower limit values of the measurement pulse width in TDPWDMX and TDPWDMN, and set the upper limit and lower limit values of the measurement cycle in the TDPPDMX and TDPPDMN. Finally, place the TDP in cycle measurement mode by setting the TDPMDS bit in TDPCR1 to 1. TDPCNT will count up cycles of the selected clock. When the first edge (either rising or falling, as selected by the POCTL bit in TDPCR1) of the measurement cycle is detected, TDPCNT is automatically cleared to H'0000. When the second edge is detected, the value in TDPCNT is transferred to TDPICR. At this time, the value in TDPICR is compared with the values in TDPWDMX and TDPWDMN. If TDPIR is greater than TDPWDMX or less than TDPWDMN, the TWDMXOVF or TWDMNUDF flag, respectively, in TDPCSR is set to 1. When the third edge is detected, the value in TDPCNT is transferred to TDPICR. At this time, the value in TDPICR is compared with the values in TDPPDMX and TDPPDMN. If TDPICR is greater than TDPPDMX or less than TDPPDMN, the TPDMXOVF or TPDMNUDF flag, respectively, in TDPCSR is set to 1. Generation of the corresponding interrupt request is enabled by the setting in TDPIER. Also, when the third edge is detected, TDPCNT is cleared to H'0000, and the next round of measurement starts. When the CPSPE bit in TDPCR1 is cleared to 0, the next round of cycle measurement will start regardless of whether any of these flags is set to 1. If any of these flags is set to 1 while the CPSPE bit in TDPCR1 is set to 1, counting up by TDPCNT stops and cycle measurement also stops. Subsequently clearing the corresponding flag to 0 automatically clears TDPCNT to H'0000, and counting up for cycle measurement is restarted. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |