Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 373 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 369Page - Renesas Technology Corp H8S/2117R Datasheet HTML 370Page - Renesas Technology Corp H8S/2117R Datasheet HTML 371Page - Renesas Technology Corp H8S/2117R Datasheet HTML 372Page - Renesas Technology Corp H8S/2117R Datasheet HTML 373Page - Renesas Technology Corp H8S/2117R Datasheet HTML 374Page - Renesas Technology Corp H8S/2117R Datasheet HTML 375Page - Renesas Technology Corp H8S/2117R Datasheet HTML 376Page - Renesas Technology Corp H8S/2117R Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 1024 page
background image
Section 12 16-Bit Duty Period Measurement Timer (TDP)
Rev. 1.00 Apr. 28, 2008 Page 347 of 994
REJ09B0452-0100
Figure 12.8 shows an example of timing in cycle measurement.
H'0001
H'0000
H'0001
N - 1
H'0000
N
M
TDPCNT
clear signal
TDPCNT
input clock
TDPCNT
N
M
M
1
L
1
L
K
φ
TDPCYI
TDPICR
TDPWDMX/TDPWDMN/
TDPPDMX/TDPPDMN
TDPICRF
Figure 12.8 Example of Timing in Cycle Measurement
When the PMMS bit in TDPCR2 is set to 1, cycle measurement is performed only while the
TDPMCI signal is high. Figure 12.9 shows an example of timing in cycle measurement when the
PMMS bit is set to 1.
φ
TDPCYI
TDPMCI
TDPCNT
H'0006
M
012345670123456789 A B 0123 4
H'0003
M
H'0003
H'0007
H'000B
H'0005
L
5
TDPICR
Figure 12.9 Example of Timing in Cycle Measurement (PMMS Bit = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com