Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 129 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 125Page - Renesas Technology Corp H8S/2117R Datasheet HTML 126Page - Renesas Technology Corp H8S/2117R Datasheet HTML 127Page - Renesas Technology Corp H8S/2117R Datasheet HTML 128Page - Renesas Technology Corp H8S/2117R Datasheet HTML 129Page - Renesas Technology Corp H8S/2117R Datasheet HTML 130Page - Renesas Technology Corp H8S/2117R Datasheet HTML 131Page - Renesas Technology Corp H8S/2117R Datasheet HTML 132Page - Renesas Technology Corp H8S/2117R Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1024 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Apr. 28, 2008 Page 103 of 994
REJ09B0452-0100
5.3.8
IRQ Sense Port Select Register 16 (ISSR16)
IRQ Sense Port Select Register (ISSR)
ISSR16 and ISSR select the IRQ15 to IRQ0 interrupt external input from the
IRQ15 to IRQ7 pins
and
ExIRQ15 to ExIRQ7 pins.
• ISSR16
Bit
Bit Name
Initial Value
R/W
Description
7
ISS15
0
R/W
0: P97/
IRQ15 is selected
1: PG7/
ExIRQ15 is selected
6
ISS14
0
R/W
0: P95/
IRQ14 is selected
1: PG6/
ExIRQ14 is selected
5
ISS13
0
R/W
0: P94/
IRQ13 is selected
1: PG5/
ExIRQ13 is selected
4
ISS12
0
R/W
0: P93/
IRQ12 is selected
1: PG4/
ExIRQ12 is selected
3
ISS11
0
R/W
0: PF3/
IRQ11 is selected
1: PG3/
ExIRQ11 is selected
2
ISS10
0
R/W
0: PF2/
IRQ10 is selected
1: PG2/
ExIRQ10 is selected
1
ISS9
0
R/W
0: PF1/
IRQ9 is selected
1: PG1/
ExIRQ9 is selected
0
ISS8
0
R/W
0: PF0/
IRQ8 is selected
1: PG0/
ExIRQ8 is selected
• ISSR
Bit
Bit Name
Initial Value
R/W
Description
7
ISS7
0
R/W
0: P67/
IRQ7 is selected
1: PH1/
ExIRQ7 is selected
6 to 0
0
R/W
Reserved
The initial values should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com