Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 199 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 195Page - Renesas Technology Corp H8S/2117R Datasheet HTML 196Page - Renesas Technology Corp H8S/2117R Datasheet HTML 197Page - Renesas Technology Corp H8S/2117R Datasheet HTML 198Page - Renesas Technology Corp H8S/2117R Datasheet HTML 199Page - Renesas Technology Corp H8S/2117R Datasheet HTML 200Page - Renesas Technology Corp H8S/2117R Datasheet HTML 201Page - Renesas Technology Corp H8S/2117R Datasheet HTML 202Page - Renesas Technology Corp H8S/2117R Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 173 of 994
REJ09B0452-0100
7.2.12
Port C
(1)
PC7/
WUE15/TIOCB2/TCLKD
The pin function is switched as shown below according to the combination of the register setting
of the TPU and the PC7DDR bit. When the WUEMR15 bit in WUEMR of the interrupt controller
is cleared to 0, this pin can be used as the
WUE15 input pin.
This pin functions as the TCLKD input when TPSC2 to TPSC0 in TCR_0 is B'111. Also, when
channel 2 is set to phase counting mode, this pin functions as the TCLKD input. This pin functions
as TIOCB2 input when TPU channel 2 timer operating mode is set to normal operation or phase
counting mode and IOB3 in TIOR_2 is set to 1.
Setting
TPU
I/O Port
Module
Name
Pin Function
TIOCB2_OE
PC7DDR
TPU
TIOCB2 output
1
PC7 output
0
1
I/O port
PC7 input
(initial setting)
0
0
(2)
PC6/
WUE14/TIOCA2
The pin function is switched as shown below according to the combination of the register setting
of the TPU and the PC6DDR bit. When the WUEMR14 bit in WUEMR of the interrupt controller
is cleared to 0, this pin can be used as the
WUE14 input pin.
This pin functions as TIOCA2 input when TPU channel 2 timer operating mode is set to normal
operation or phase counting mode and IOA3 in TIOR_2 is set to 1.
Setting
TPU
I/O Port
Module
Name
Pin Function
TIOCA2_OE
PC6DDR
TPU
TIOCA2 output
1
PC6 output
0
1
I/O port
PC6 input
(initial setting)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com