Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 201 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 197Page - Renesas Technology Corp H8S/2117R Datasheet HTML 198Page - Renesas Technology Corp H8S/2117R Datasheet HTML 199Page - Renesas Technology Corp H8S/2117R Datasheet HTML 200Page - Renesas Technology Corp H8S/2117R Datasheet HTML 201Page - Renesas Technology Corp H8S/2117R Datasheet HTML 202Page - Renesas Technology Corp H8S/2117R Datasheet HTML 203Page - Renesas Technology Corp H8S/2117R Datasheet HTML 204Page - Renesas Technology Corp H8S/2117R Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 175 of 994
REJ09B0452-0100
(5)
PC3/
WUE11/TIOCD0/TCLKB
The pin function is switched as shown below according to the combination of the register setting
of the TPU and the PC3DDR bit. When the WUEMR11 bit in WUEMR of the interrupt controller
is cleared to 0, this pin can be used as the
WUE11 input pin.
This pin functions as TCLKB input when TPSC2 to TPSC0 in any of TCR_0 to TCR_2 are set to
B'101 or when channel 1 is set to phase counting mode.
This pin functions as TIOCD1 input when TPU channel 0 timer operating mode is set to normal
operation or phase counting mode and IOD3 to IOD0 in TIOR_0 are set to B'10xx. (x: Don't care.)
Setting
TPU
I/O Port
Module
Name
Pin Function
TIOCD0_OE
PC3DDR
TPU
TIOCD0 output
1
PC3 output
0
1
I/O port
PC3 input
(initial setting)
0
0
(6)
PC2/
WUE10/TIOCC0/TCLKA
The pin function is switched as shown below according to the combination of the register setting
of the TPU and the PC2DDR bit. When the WUEMR10 bit in WUEMR of the interrupt controller
is cleared to 0, this pin can be used as the
WUE10 input pin.
This pin functions as TCLKA input when TPSC2 to TPSC0 in any of TCR_0 to TCR_2 are set to
B'100 or when channel 1 is set to phase counting mode.
This pin functions as TIOCC0 input when TPU channel 0 timer operating mode is set to normal
operation or phase counting mode and IOC3 to IOC0 in TIOR_0 are set to B'10xx. (x: Don't care.)
Setting
TPU
I/O Port
Module
Name
Pin Function
TIOCC0_OE
PC2DDR
TPU
TIOCC0 output
1
PC2 output
0
1
I/O port
PC2 input
(initial setting)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com