Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 203 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 199Page - Renesas Technology Corp H8S/2117R Datasheet HTML 200Page - Renesas Technology Corp H8S/2117R Datasheet HTML 201Page - Renesas Technology Corp H8S/2117R Datasheet HTML 202Page - Renesas Technology Corp H8S/2117R Datasheet HTML 203Page - Renesas Technology Corp H8S/2117R Datasheet HTML 204Page - Renesas Technology Corp H8S/2117R Datasheet HTML 205Page - Renesas Technology Corp H8S/2117R Datasheet HTML 206Page - Renesas Technology Corp H8S/2117R Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 177 of 994
REJ09B0452-0100
7.2.13
Port D
(1)
PD7/AN15, PD6/AN14, PD5/AN13, PD4/AN12, PD3/AN11, PD2/AN10, PD1/AN9,
PD0/AN8
The pin function is switched as shown below according to the state of the PDnDDR bit.
When this pin is used as an analog input pin, do not set the pin as output.
Setting
I/O Port
Module
Name
Pin Function
PDnDDR
PDn output
1
I/O port
PDn input
(initial setting)
0
(n = 7 to 0)
7.2.14
Port E
(1)
PE4/ETMS, PE3/ETDO, PE2/ETDI, PE1/ETCK
The pin function is switched as shown below according to the operating mode.
Setting
On-Chip Emulation Mode
Single-Chip Mode
Module
Name
Pin Function
Emulator Input/Output
PEn input
On-chip emulation
mode
1
Operating
mode
Single-chip mode 0
1
Note:
These pins are not supported by the system development tool (emulator).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com