Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 200 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 196Page - Renesas Technology Corp H8S/2117R Datasheet HTML 197Page - Renesas Technology Corp H8S/2117R Datasheet HTML 198Page - Renesas Technology Corp H8S/2117R Datasheet HTML 199Page - Renesas Technology Corp H8S/2117R Datasheet HTML 200Page - Renesas Technology Corp H8S/2117R Datasheet HTML 201Page - Renesas Technology Corp H8S/2117R Datasheet HTML 202Page - Renesas Technology Corp H8S/2117R Datasheet HTML 203Page - Renesas Technology Corp H8S/2117R Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 174 of 994
REJ09B0452-0100
(3)
PC5/
WUE13/TIOCB1/TCLKC
The pin function is switched as shown below according to the combination of the register setting
of the TPU and the PC5DDR bit. When the WUEMR13 bit in WUEMR of the interrupt controller
is cleared to 0, this pin can be used as the
WUE13 input pin.
This pin functions as TCLKC input when TPSC2 to TPSC0 in TCR_0 or TCR_2 is set to B'110 or
when channel 2 is set to phase counting mode.
This pin functions as TIOCB1 input when TPU channel 1 timer operating mode is set to normal
operation or phase counting mode and IOB3 to IOB0 in TIOR_1 are set to B'10xx. (x: Don't care.)
Setting
TPU
I/O Port
Module
Name
Pin Function
TIOCB1_OE
PC5DDR
TPU
TIOCB1 output
1
PC5 output
0
1
I/O port
PC5 input
(initial setting)
0
0
(4)
PC4/
WUE12/TIOCA1
The pin function is switched as shown below according to the combination of the register setting
of the TPU and the PC4DDR bit. When the WUEMR12 bit in WUEMR of the interrupt controller
is cleared to 0, this pin can be used as the
WUE12 input pin.
This pin functions as TIOCA1 input when TPU channel 1 timer operating mode is set to normal
operation or phase counting mode and IOA3 to IOA0 in TIOR_1 are set to B'10xx. (x: Don't care.)
Setting
TPU
I/O Port
Module
Name
Pin Function
TIOCA1_OE
PC4DDR
TPU
TIOCA1 output
1
PC4 output
0
1
I/O port
PC4 input
(initial setting)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com