Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 202 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 198Page - Renesas Technology Corp H8S/2117R Datasheet HTML 199Page - Renesas Technology Corp H8S/2117R Datasheet HTML 200Page - Renesas Technology Corp H8S/2117R Datasheet HTML 201Page - Renesas Technology Corp H8S/2117R Datasheet HTML 202Page - Renesas Technology Corp H8S/2117R Datasheet HTML 203Page - Renesas Technology Corp H8S/2117R Datasheet HTML 204Page - Renesas Technology Corp H8S/2117R Datasheet HTML 205Page - Renesas Technology Corp H8S/2117R Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 176 of 994
REJ09B0452-0100
(7)
PC1/
WUE9/TIOCB0
The pin function is switched as shown below according to the combination of the register setting
of the TPU and the PC1DDR bit. When the WUEMR9 bit in WUEMR of the interrupt controller
is cleared to 0, this pin can be used as the
WUE9 input pin.
This pin functions as TIOCB0 input when TPU channel 0 timer operating mode is set to normal
operation or phase counting mode and IOB3 to IOB0 in TIORH_0 are set to B'10xx. (x: Don’t
care.)
Setting
TPU
I/O Port
Module
Name
Pin Function
TIOCB0_OE
PC1DDR
TPU
TIOCB0 output
1
PC1 output
0
1
I/O port
PC1 input
(initial setting)
0
0
(8)
PC0/
WUE8/TIOCA0
The pin function is switched as shown below according to the combination of the register setting
of the TPU and the PC0DDR bit. When the WUEMR8 bit in WUEMR of the interrupt controller
is cleared to 0, this pin can be used as the
WUE8 input pin.
This pin functions as TIOCA0 input when TPU channel 0 timer operating mode is set to normal
operation or phase counting mode and IOA3 to IOA0 in TIORH_0 are set to B'10xx. (x: Don’t
care.)
Setting
TPU
I/O Port
Module
Name
Pin Function
TIOCA0_OE
PC0DDR
TPU
TIOCA0 output
1
PC0 output
0
1
I/O port
PC0 input
(initial setting)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com