Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2117R Datasheet(PDF) 205 Page - Renesas Technology Corp

No. de pieza H8S/2117R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 201Page - Renesas Technology Corp H8S/2117R Datasheet HTML 202Page - Renesas Technology Corp H8S/2117R Datasheet HTML 203Page - Renesas Technology Corp H8S/2117R Datasheet HTML 204Page - Renesas Technology Corp H8S/2117R Datasheet HTML 205Page - Renesas Technology Corp H8S/2117R Datasheet HTML 206Page - Renesas Technology Corp H8S/2117R Datasheet HTML 207Page - Renesas Technology Corp H8S/2117R Datasheet HTML 208Page - Renesas Technology Corp H8S/2117R Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 1024 page
background image
Section 7 I/O Ports
Rev. 1.00 Apr. 28, 2008 Page 179 of 994
REJ09B0452-0100
(2)
PF3/TMOX/
IRQ11/TDPCKI0/TDPMCI0
The pin function is switched as shown below according to the combination of the register setting
of the TMR and the PF3DDR bit. When the PMMS bit in TDPCR2_0 of TDP0 is set to 1, this pin
can be used as the TDPMCI0 input pin. When the external clock is selected by the CKS3 to CKS0
bits in TDPCR1_0 of TDP0, this pin is used as the TDPCKI0 input pin. Do not set input of
TDPCKI0 and TDPMCI0 at the same time. When the ISS11 bit in ISSR16 is cleared to 0 and the
IRQ11E bit in IER16 of the interrupt controller is set to 1, this pin can be used as the
IRQ11 input
pin.
Setting
TMR
I/O Port
Module
Name
Pin Function
TMOX_OE
PF3DDR
TMR
TMOX output
1
I/O port
PF3 output
0
1
PF3 input
(initial setting)
0
0
(3)
PF2/TMOY/
IRQ10/TDPCYI0
The pin function is switched as shown below according to the combination of the register setting
of the TMR and the PF2DDR bit. When the TDPIPE bit in TDPIER_0 of TDP0 is set to 1, this pin
can be used as the TDPCYI0 input pin. When the ISS10 bit in ISSR16 is cleared to 0 and the
IRQ10E bit in IER16 of the interrupt controller is set to 1, this pin can be used as the
IRQ10 input
pin.
Setting
TMR
I/O Port
Module
Name
Pin Function
TMOY_OE
PF2DDR
TMR
TMOY output
1
I/O port
PF2 output
0
1
PF2 input
(initial setting)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com