Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 34 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 30Page - Renesas Technology Corp R5F107DEM Datasheet HTML 31Page - Renesas Technology Corp R5F107DEM Datasheet HTML 32Page - Renesas Technology Corp R5F107DEM Datasheet HTML 33Page - Renesas Technology Corp R5F107DEM Datasheet HTML 34Page - Renesas Technology Corp R5F107DEM Datasheet HTML 35Page - Renesas Technology Corp R5F107DEM Datasheet HTML 36Page - Renesas Technology Corp R5F107DEM Datasheet HTML 37Page - Renesas Technology Corp R5F107DEM Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 34 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(2) During communication at same potential (CSI mode) (master mode, SCKp... internal clock output)
(TA =
40 to +105CNote 5, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
tKCY1
 4/fCLK
125
500
ns
SCKp high-/low-level
width
tKH1,
tKL1
4.0 V
 VDD  5.5 V
tKCY1/2
 12
tKCY1/2
 50
ns
2.7 V
 VDD  5.5 V
tKCY1/2
 18
tKCY1/2
 50
ns
SIp setup time (to SCKp
)
Note 1
tSIK1
4.0 V
 VDD  5.5 V
44
110
ns
2.7 V
 VDD  5.5 V
44
110
ns
SIp hold time (from
SCKp
) Note 2
tKSI1
19
19
ns
Delay time from SCKp
 to
SOp output
Note 3
tKSO1
C = 30 pF
Note 4
25
25
ns
Notes 1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to
SCKp
” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
2. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from
SCKp
” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output
becomes “from SCKp
” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4. C is the load capacitance of the SCKp and SOp output lines.
5. Operating conditions of LS (low-speed main) mode is TA =
40 to +85 °C.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the
SOp pin and SCKp pin by using port input mode register g (PIMg) and port output mode register g
(POMg).
Remarks 1.
p: CSI number (p = 00), m: Unit number (m = 0), n: Channel number (n = 0),
g: PIM and POM number (g = 1)
2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com