Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 44 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 40Page - Renesas Technology Corp R5F107DEM Datasheet HTML 41Page - Renesas Technology Corp R5F107DEM Datasheet HTML 42Page - Renesas Technology Corp R5F107DEM Datasheet HTML 43Page - Renesas Technology Corp R5F107DEM Datasheet HTML 44Page - Renesas Technology Corp R5F107DEM Datasheet HTML 45Page - Renesas Technology Corp R5F107DEM Datasheet HTML 46Page - Renesas Technology Corp R5F107DEM Datasheet HTML 47Page - Renesas Technology Corp R5F107DEM Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 44 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(7) DALI/UART4 mode
(TA =
40 to +105C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
Transfer rate
fMCK/12
fMCK/12
bps
Maximum transfer rate theoretical value
HS: fCLK = 32 MHz, fMCK = fCLK
LS: fCLK = 8 MHz, fMCK = fCLK
2.6
0.6
Mbps
Remark fMCK: Operation clock frequency of DALI/UART.
(Operation clock to be set by the serial clock select register mn (SPS4).)
Caution Operating conditions of LS (low-speed main) mode is TA =
40 to +85 C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com