Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 25 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 21Page - Renesas Technology Corp R5F107DEM Datasheet HTML 22Page - Renesas Technology Corp R5F107DEM Datasheet HTML 23Page - Renesas Technology Corp R5F107DEM Datasheet HTML 24Page - Renesas Technology Corp R5F107DEM Datasheet HTML 25Page - Renesas Technology Corp R5F107DEM Datasheet HTML 26Page - Renesas Technology Corp R5F107DEM Datasheet HTML 27Page - Renesas Technology Corp R5F107DEM Datasheet HTML 28Page - Renesas Technology Corp R5F107DEM Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 25 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
Notes 1. Total current flowing into VDD, including the input leakage current flowing when the level of the input pin is
fixed to VDD or VSS. The values below the MAX. column include the peripheral operation current.
However, not including the current flowing into the A/D converter, comparator, programmable gain
amplifier, LVD circuit, I/O port, and on-chip pull-up/pull-down resistors and the current flowing during data
flash rewrite.
2. When high-speed on-chip oscillator and subsystem clock are stopped.
3. When high-speed system clock and subsystem clock are stopped.
4. When high-speed on-chip oscillator and high-speed system clock are stopped. When AMPHS1 = 1
(Ultra-low power consumption oscillation). However, not including the current flowing into the RTC, 12-
bit interval timer, and watchdog timer.
5. Relationship between operation voltage width, operation frequency of CPU and operation mode is as
below.
HS (high-speed main) mode: 2.7 V
 VDD  5.5 V@1 MHz to 32 MHz
LS (low-speed main) mode: 2.7 V
 VDD  5.5 V@1 MHz to 8 MHz
Remarks 1. fMX: High-speed system clock frequency (X1 clock oscillation frequency or external main system
clock frequency)
2. fIH:
High-speed on-chip oscillator clock frequency
3. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
4. Except subsystem clock operation, temperature condition of the TYP. value is TA = 25
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com