Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 79 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 75Page - Renesas Technology Corp R5F107DEM Datasheet HTML 76Page - Renesas Technology Corp R5F107DEM Datasheet HTML 77Page - Renesas Technology Corp R5F107DEM Datasheet HTML 78Page - Renesas Technology Corp R5F107DEM Datasheet HTML 79Page - Renesas Technology Corp R5F107DEM Datasheet HTML 80Page - Renesas Technology Corp R5F107DEM Datasheet HTML 81Page - Renesas Technology Corp R5F107DEM Datasheet HTML 82Page - Renesas Technology Corp R5F107DEM Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
RL78/I1A
3. ELECTRICAL SPECIFICATIONS (M: Industrial applications, TA =  40 to +125C)
Page 79 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
3.5 Peripheral Functions Characteristics
AC Timing Test Points
VIH/VOH
VIL/VOL
Test points
VIH/VOH
VIL/VOL
3.5.1 Serial array unit 0, 4 (UART0, UART1, CSI00, DALI/UART4)
(1) During communication at same potential (UART mode)
(TA =
40 to +125C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
Unit
MIN.
MAX.
Transfer rate
Note 1
fMCK/6
bps
Theoretical value of the maximum
transfer rate
fMCK = fCLK
Note 2
3.3
Mbps
Notes 1. Transfer rate in the SNOOZE mode is 4800 bps only.
2. The operating frequencies of the CPU/peripheral hardware clock (fCLK) are:
HS (high-speed main) mode:
20 MHz (2.7 V
 VDD  5.5 V)
UART mode connection diagram (during communication at same potential)
User's device
TxDq
RxDq
Rx
Tx
RL78 microcontroller
UART mode bit width (during communication at same potential) (reference)
Baud rate error tolerance
High-/Low-bit width
1/Transfer rate
TxDq
RxDq
Caution
Select the normal input buffer for the RxDq pin and the normal output mode for
the TxDq pin by using port input mode register g (PIMg) and port output mode register g (POMg).
Remarks 1.
q: UART number (q = 0, 1), g: PIM and POM number (g = 0, 1)
2. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com