Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 48 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 44Page - Renesas Technology Corp R5F107DEM Datasheet HTML 45Page - Renesas Technology Corp R5F107DEM Datasheet HTML 46Page - Renesas Technology Corp R5F107DEM Datasheet HTML 47Page - Renesas Technology Corp R5F107DEM Datasheet HTML 48Page - Renesas Technology Corp R5F107DEM Datasheet HTML 49Page - Renesas Technology Corp R5F107DEM Datasheet HTML 50Page - Renesas Technology Corp R5F107DEM Datasheet HTML 51Page - Renesas Technology Corp R5F107DEM Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 48 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(1) When reference voltage (+)= AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), reference voltage (
) =
AVREFM/ANI1 (ADREFM = 1), target pin: ANI2, ANI4 to ANI7, internal reference voltage, and temperature
sensor output voltage
(TA =
40 to +105C, 2.7 V  AVREFP  VDD  5.5 V, VSS = 0 V, Reference voltage (+) = AVREFP, Reference
voltage (
) = AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
Overall error
Note 1
AINL
10-bit resolution
AVREFP = VDD
Note 3
1.2
3.5
LSB
Conversion time
tCONV
10-bit resolution
Target pin: ANI2, ANI4 to
ANI7
3.6 V
 VDD  5.5 V
2.125
39
s
2.7 V
 VDD  5.5 V
3.1875
39
s
10-bit resolution
Target pin: Internal reference
voltage, and temperature
sensor output voltage
(HS (high-speed main)
mode)
3.6 V
 VDD  5.5 V
2.375
39
s
2.7 V
 VDD  5.5 V
3.5625
39
s
Zero-scale error
Notes 1, 2
EZS
10-bit resolution
AVREFP = VDD
Note 3
0.25
%FSR
Full-scale error
Notes 1, 2
EFS
10-bit resolution
AVREFP = VDD
Note 3
0.25
%FSR
Integral linearity error
Note 1
ILE
10-bit resolution
AVREFP = VDD
Note 3
2.5
LSB
Differential linearity error
Note 1
DLE
10-bit resolution
AVREFP = VDD
Note 3
1.5
LSB
Analog input voltage
VAIN
ANI2, ANI4 to ANI7
0
AVREFP
V
Internal reference voltage
(HS (high-speed main) mode)
VBGR
Note 4
V
Temperature sensor output voltage
(HS (high-speed main) mode)
VTMPS25
Note 4
V
Notes 1. Excludes quantization error (
1/2 LSB).
2. This value is indicated as a ratio (%FSR) to the full-scale value.
3. When AVREFP < VDD, the MAX. values are as follows.
Overall error: Add
1.0 LSB to the MAX. value when AVREFP = VDD.
Zero-scale error/Full-scale error: Add
0.05%FSR to the MAX. value when AVREFP = VDD.
Integral linearity error/Differential linearity error: Add
0.5 LSB to the MAX. value when AVREFP = VDD.
4. See 2.6.2 Temperature sensor/internal reference voltage characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com