Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 68 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 64Page - Renesas Technology Corp R5F107DEM Datasheet HTML 65Page - Renesas Technology Corp R5F107DEM Datasheet HTML 66Page - Renesas Technology Corp R5F107DEM Datasheet HTML 67Page - Renesas Technology Corp R5F107DEM Datasheet HTML 68Page - Renesas Technology Corp R5F107DEM Datasheet HTML 69Page - Renesas Technology Corp R5F107DEM Datasheet HTML 70Page - Renesas Technology Corp R5F107DEM Datasheet HTML 71Page - Renesas Technology Corp R5F107DEM Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
RL78/I1A
3. ELECTRICAL SPECIFICATIONS (M: Industrial applications, TA =  40 to +125C)
Page 68 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(TA =
40 to +125C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage,
high
VOH1
P02, P03, P05, P06, P10 to P12, P30,
P31, P40, P75 to P77, P120, P147,
P200 to P206
4.0 V
 VDD  5.5 V,
IOH1 =
3.0 mA
VDD
 0.7
V
2.7 V
 VDD  5.5 V,
IOH1 =
1.0 mA
VDD
 0.5
V
VOH2
P20 to P22, P24 to P27
2.7 V
 VDD  5.5 V,
IOH2 =
100
A
VDD
 0.5
V
Output voltage,
low
VOL1
P02, P03, P05, P06, P10 to P12, P30,
P31, P40, P75 to P77, P120, P147,
P200 to P206
4.0 V
 VDD  5.5 V,
IOL1 = 8.5 mA
0.7
V
4.0 V
 VDD  5.5 V,
IOL1 = 4.0 mA
0.4
V
2.7 V
 VDD  5.5 V,
IOL1 = 1.5 mA
0.4
V
VOL2
P20 to P22, P24 to P27
2.7 V
 VDD  5.5 V,
IOL2 = 400
A
0.4
V
Caution P02, P10 to P12 do not output high level in N-ch open-drain mode.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com