Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 17 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 13Page - Renesas Technology Corp R5F107DEM Datasheet HTML 14Page - Renesas Technology Corp R5F107DEM Datasheet HTML 15Page - Renesas Technology Corp R5F107DEM Datasheet HTML 16Page - Renesas Technology Corp R5F107DEM Datasheet HTML 17Page - Renesas Technology Corp R5F107DEM Datasheet HTML 18Page - Renesas Technology Corp R5F107DEM Datasheet HTML 19Page - Renesas Technology Corp R5F107DEM Datasheet HTML 20Page - Renesas Technology Corp R5F107DEM Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 17 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
2.2 Oscillator Characteristics
2.2.1 X1, XT1 oscillator characteristics
(TA =
40 to +105C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
X1 clock oscillation
frequency (fX)
Note
Ceramic resonator/crystal resonator
1.0
20.0
MHz
XT1 clock oscillation
frequency (fXT)
Note
Crystal resonator
32
32.768
35
kHz
Note Indicates only permissible oscillator frequency ranges. See AC Characteristics for instruction execution
time. Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the
oscillator characteristics.
Caution Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check
the X1 clock oscillation stabilization time using the oscillation stabilization time counter status
register (OSTC) by the user. Determine the oscillation stabilization time of the OSTC register and
the oscillation stabilization time select register (OSTS) after sufficiently evaluating the oscillation
stabilization time with the resonator to be used.
Remark When using the X1 oscillator and XT1 oscillator, see 5.4 System Clock Oscillator in the RL78/I1A
User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com