Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 2Page - Renesas Technology Corp R5F107DEM Datasheet HTML 3Page - Renesas Technology Corp R5F107DEM Datasheet HTML 4Page - Renesas Technology Corp R5F107DEM Datasheet HTML 5Page - Renesas Technology Corp R5F107DEM Datasheet HTML 6Page - Renesas Technology Corp R5F107DEM Datasheet HTML 7Page - Renesas Technology Corp R5F107DEM Datasheet HTML 8Page - Renesas Technology Corp R5F107DEM Datasheet HTML 9Page - Renesas Technology Corp R5F107DEM Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
RL78/I1A
1. OUTLINE
Page 6 of 105
Under development
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
1.3.3 38-pin products
 38-pin plastic SSOP (7.62 mm (300))
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
P20/ANI0/AVREFP
P03/RxD1/CMP5P/ANI16
P02/TxD1/ANI17
P120/ANI19
P40/TOOL0
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
VDD
P31/TI03/TO03/INTP4
P77/INTP11
P76/INTP10
P75/INTP9
P06/TI06/TO06
P21/ANI1/AVREFM
P22/ANI2/CMP0P
P24/ANI4/CMP1P
P25/ANI5/CMP2P
P26/ANI6/CMP3P
P27/ANI7/CMP4P
P147/CMPCOM/ANI18
P10/SO00/TxD0/TKCO00/INTP20/SCLA0/(DALITxD4)
P11/SI00/RxD0/TKCO01/INTP21/SDAA0/(TI07)/(DALIRxD4)/(TxRx4)/(INTP0)
P12/SCK00/(TKCO03)
P200/TKBO00/INTP22
P201/TKBO01
P202/TKBO10/(INTP21)
P203/TKBO11/TKCO02/(INTP20)
P204/TKBO20/TKCO03
P205/TKBO21/TKCO04/DALITxD4
P206/TKCO05/DALIRxD4/TXRx4/INTP23
P30/INTP3/RTC1HZ
P05/TI05/TO05
Caution Connect the REGC pin to Vss via a capacitor (0.47 to 1
F).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR1) or the input switch control register (ISC). See Figure 4-8 Format of
Peripheral I/O Redirection Register (PIOR1) and Figure 15-20
Format of Input Switch
Control Register (ISC) in the RL78/I1A User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com