Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 12 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 8Page - Renesas Technology Corp R5F107DEM Datasheet HTML 9Page - Renesas Technology Corp R5F107DEM Datasheet HTML 10Page - Renesas Technology Corp R5F107DEM Datasheet HTML 11Page - Renesas Technology Corp R5F107DEM Datasheet HTML 12Page - Renesas Technology Corp R5F107DEM Datasheet HTML 13Page - Renesas Technology Corp R5F107DEM Datasheet HTML 14Page - Renesas Technology Corp R5F107DEM Datasheet HTML 15Page - Renesas Technology Corp R5F107DEM Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
RL78/I1A
1. OUTLINE
Page 12 of 105
Under development
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(2/3)
Item
20-pin
30-pin
38-pin
R5F1076C
R5F107AC, R5F107AE
R5F107DE
Timer
Watchdog timer
1 channel
Real-time clock
(RTC)
1 channel
Notes 1, 2
12-bit interval timer
(IT)
1 channel
RTC output
1
1 Hz (subsystem clock:
fSUB = 32.768 kHz)
8/10-bit resolution A/D converter
6 channels
11 channels
11 channels
Comparator
4 channels
6 channels
6 channels
Programmable gain amplifier
1 channel
Input
Note 3
4 channels
6 channels
6 channels
Serial interface
[20-pin]
Note 5
 UART (Supporting LIN-bus and DMX512): 1 channel
 UART (Supporting DALI communication): 1 channel
[30-pin products]
 UART (Supporting LIN-bus and DMX512): 1 channel
 UART: 1 channel
 UART (Supporting DALI communication): 1 channel
[38-pin products]
 CSI: 1 channel/UART (Supporting LIN-bus and DMX512): 1 channel
 UART: 1 channel
 UART (Supporting DALI communication): 1 channel
I
2C bus
1 channel
1 channel
1 channel
Multiplier and divider/multiply-
accumulator
 16 bits  16 bits = 32 bits (Unsigned or signed)
 32 bits  32 bits = 32 bits (Unsigned)
 16 bits  16 bits + 32 bits = 32 bits (Unsigned or signed)
DMA controller
2 channels
Vectored interrupt
sources
Internal
27
30
30
External
7
10
11
Reset
 Reset by RESET pin
 Internal reset by watchdog timer
 Internal reset by power-on-reset
 Internal reset by voltage detector
 Internal reset by illegal instruction executionNote 4
 Internal reset by RAM parity error
 Internal reset by illegal-memory access
Notes 1.
The subsystem clock (fSUB) can be selected as the operating clock only for 38-pin products.
2.
The 20- and 30-pin products can only be used as the constant-period interrupt function.
3.
The comparator input is alternatively used with analog input pin (ANI pin).
4.
The illegal instruction is generated when instruction code FFH is executed.
Reset by the illegal instruction execution not issued by emulation with the in-circuit emulator or on-
chip debug emulator.
5.
The 20 pin products can only be used 1 UART simultaneously due to sharing of the same I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com