Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 91 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 87Page - Renesas Technology Corp R5F107DEM Datasheet HTML 88Page - Renesas Technology Corp R5F107DEM Datasheet HTML 89Page - Renesas Technology Corp R5F107DEM Datasheet HTML 90Page - Renesas Technology Corp R5F107DEM Datasheet HTML 91Page - Renesas Technology Corp R5F107DEM Datasheet HTML 92Page - Renesas Technology Corp R5F107DEM Datasheet HTML 93Page - Renesas Technology Corp R5F107DEM Datasheet HTML 94Page - Renesas Technology Corp R5F107DEM Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
RL78/I1A
3. ELECTRICAL SPECIFICATIONS (M: Industrial applications, TA =  40 to +125C)
Page 91 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(2) I
2C fast mode
(TA =
40 to +125C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
Unit
MIN.
MAX.
SCLA0 clock frequency
fSCL
fast mode: fCLK
 3.5 MHz
0
400
kHz
Setup time of restart condition
tSU:STA
0.6
s
Hold time
Note 1
tHD:STA
0.6
s
Hold time when SCLA0 = “L”
tLOW
1.3
s
Hold time when SCLA0 = “H”
tHIGH
0.6
s
Data setup time (reception)
tSU:DAT
100
ns
Data hold time (transmission)
Note 2
tHD:DAT
0
0.9
s
Setup time of stop condition
tSU:STO
0.6
s
Bus-free time
tBUF
1.3
s
Notes 1. The first clock pulse is generated after this period when the start/restart condition is detected.
2. The maximum value (MAX.) of tHD:DAT is during normal transfer and a wait state is inserted in the ACK
(acknowledge) timing.
Remark The maximum value of Cb (communication line capacitance) and the value of Rb (communication line
pull-up resistor) at that time in each mode are as follows.
fast mode:
Cb = 320 pF, Rb = 1.1 k
IICA serial transfer timing
tLOW
tLOW
tHIGH
tHD:STA
Stop
condition
Start
condition
Restart
condition
Stop
condition
tSU:DAT
tSU:STA
tSU:STO
tHD:STA
tHD:DAT
SCLA0
SDAA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com