Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 65 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 61Page - Renesas Technology Corp R5F107DEM Datasheet HTML 62Page - Renesas Technology Corp R5F107DEM Datasheet HTML 63Page - Renesas Technology Corp R5F107DEM Datasheet HTML 64Page - Renesas Technology Corp R5F107DEM Datasheet HTML 65Page - Renesas Technology Corp R5F107DEM Datasheet HTML 66Page - Renesas Technology Corp R5F107DEM Datasheet HTML 67Page - Renesas Technology Corp R5F107DEM Datasheet HTML 68Page - Renesas Technology Corp R5F107DEM Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
RL78/I1A
3. ELECTRICAL SPECIFICATIONS (M: Industrial applications, TA =  40 to +125C)
Page 65 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
3.3 DC Characteristics
3.3.1 Pin characteristics
(TA =
40 to +125C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current,
high
Note 1
IOH1
Per pin for P02, P03, P05, P06, P10 to P12,
P30, P31, P40, P75 to P77, P120, P147,
P200 to P206
4.0 V
 VDD  5.5 V
3.0Note 2
mA
2.7 V
 VDD < 4.0 V
1.0
mA
Total of P02, P03, P40, P120
(When duty
 70%Note 3)
4.0 V
 VDD  5.5 V
9.0
mA
2.7 V
 VDD < 4.0 V
3.0
mA
Total of P05, P06, P10 to P12, P30, P31,
P75 to P77, P147, P200 to P206
(When duty
 70%Note 3)
4.0 V
 VDD  5.5 V
21.0
mA
2.7 V
 VDD < 4.0 V
6.0
mA
Total of all pins
(When duty
 70%Note 3)
4.0 V
 VDD  5.5 V
21.0
mA
2.7 V
 VDD < 4.0 V
9.0
mA
IOH2
Per pin for P20 to P22, P24 to P27
2.7 V
 VDD  5.5 V
0.1Note 2
mA
Total of all pins
(When duty
 70%Note 3)
2.7 V
 VDD  5.5 V
0.4
mA
Notes 1.
Value of current at which the device operation is guaranteed even if the current flows from the VDD
pin to an output pin.
2.
However, do not exceed the total current value.
3.
Specification under conditions where the duty factor
 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated
with the following expression (when changing the duty factor from 70% to n%).
 Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOH =
10.0 mA
Total output current of pins = (
10.0 × 0.7)/(80 × 0.01)  8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
A current higher than the absolute maximum rating must not flow into one pin.
Caution P02, P10 to P12 do not output high level in N-ch open-drain mode.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com